Part Number Hot Search : 
2SK0762A KBL005G 1N5606 TDA8380A 68HC0 CX1622 1N400 1T417
Product Description
Full Text Search
 

To Download 801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INIATURE FUSEHOLDERS MINIATURE FUSEHOLDERS
Holder / No. 801/802
Panel Mount for 5x20 mm und 6.3x32 mm Fuses
Specifications
Packaging Standard
Bulk (100 St.) IEC 60127-6 UL 512 CSA C22.2 No. 39
Approvals
Mounting
12.7mm diameter D-hole or double D-hole Admissible torque on plastic hex nut is 1.2Nm Solderable or 4.8mm quick connect-fits 0.5mm tab IP 40 (IEC 60529) PC2 (IEC 60127-6) Holder / Cap: Metal Parts:
Te r m i n a l s
-0,1
Protection Class & Category
12
o12,7
-0,1
o12,7
11,7
-0,15
-0,1
Materials
Cap / Nr. 815
O 9,2 7
Terminals:
Schlitz fur Schraubendreher Slot for screw-driver Renkverschlussnase Bayonet-connector-nose
Thermoplastic (Polyamide PA 6.6), black, UL94 V-0 Copper alloy, corrosion protected solderable tinned 250 V 6.3 A (VDE/SEMKO) with cap 815 10 A (VDE/SEMKO) with cap 816 2.5 W (VDE/SEMKO)
Electrical Data (23C)
Rated Voltage: Rated Current:
7
Rated Power :
Temperature Operating Temperature
1,2
1,5 max. 33,8
-25C to +70C (consider de-rating) -25 Y / +70 C/21 days (IEC 60068-2-1...3) +10C to +60C relative humidity 75% yearly average, without dew, maximum value for 30 days - 95% 24 cycles at 15 min. each (IEC 60068-2-6) 10 - 60Hz at 0.75mm amplitude 60 - 2000Hz at 10g acceleration 5m
Test Climatic Test
For 5x20mm Fuses
Stock Conditions
Cap / Nr. 816
Schlitz fur Schraubendreher Slot for screw-driver Renkverschlussnase Bayonet-connector-nose
Vibration Resistance
Contact Resistance Dielectric Strength
>1.5 kV
O 9,2 7
Impulse Voltage
7
4 kV, 50 Hz, 1 min., dry > 103 M (500 VDC, 1 min.) 235C, 2 sec. (Wave) 350C, 1 sec. (manually) 260C, 5 sec. (IEC 60068-2-20) Conductor - 2.5mm 2
1,5
Insulation Resistance
max. 33,8
1,2
For 6.3x32mm Fuses
Solderability
Soldering Heat Resistance
Order Information Qty. OrderNumber Series
Minimum Cross Section
0000
00
Packaging 0
Marking
Series, 250V, Approvals 5.0g (801/802) / 2.5g (815/816)
Unit Weight
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
050909
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
WebSite www.littelfuse.com


▲Up To Search▲   

 
Price & Availability of 801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X